Part Number Hot Search : 
TL082BM 73D22 Q015R NB638DL A124E AD7417BR FT500 MC358
Product Description
Full Text Search
 

To Download HLE-105-02-L-DV-A-K-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (2,54mm) .100" hle series hle?116?02?l?dv hle?110?02?l?dv?a hle?130?02?l?dv www.samtec.com ?lc = locking clip (2 positions min.) (n/a with -a) (manual placement required) (1,27) .050 (1,42) .056 mates with: tsw, mtsw, dw, ew, zw, tlw, tsm, mtlw, hw note: some lengths, styles and options are non-standard, non-returnable. f-211 02 plating option no. pins per row 1 hle dv 02 thru 50 other option ?a = alignment pin (4 positions min.) metal or plastic at samtec discretion (n/a with -te, -pe & -lc) (5,08) .200 02 01 (2,54) .100 (2,54) .100 no. of positions x (2,54) .100 (3,51) .138 (0,51) .020 (1,27) .050 (1,60) .063 dia ?k = (6,50mm) .256" dia polyimide film pick & place pad (3 positions min.) not available with ?te or ?pe tail option ?p = metal pick & place pad (3 positions min.) (3,86) .152 (7,11) .280 x (5,71) .225 ?tr = tape & reel packaging (29 positions max.) tail option ?be = bottom entry (n/a with ?te) ?te = through-hole top entry (3,05) .120 (2,54) .100 ?pe ?te (3,66) .144 (6,60) .260 leave blank for surface mount (requires ?be for bottom entry) (7,62) .300 (2,30) .090 (requires ?be for bottom entry) for complete speci? cations and recommended pcb layouts see www.samtec.com?hle insulator material: black liquid crystal polymer contact material: becu plating: au or sn over 50" (1,27m) ni current rating: 2.5a @ 80c ambient voltage rating: 400 vac operating temp range: -55c to +125c insertion depth: (1,78mm) .070" to (3,43mm) .135", pass-through, or (2,59mm) .102" min for bottom entry insertion force: (single contact only) 2oz (0,56n) avg. withdrawal force: (single contact only) 1.6oz (0,44n) avg. rohs compliant: ye s processing: lead?free solderable: ye s smt lead coplanarity: (0,10mm) .004" max (02-20) (0,15mm) .006" max (21-50) specifications ?l = 10" (0,25m) gold on contact, matte tin on tail ?pe = through-hole pass through entry note: other gold plating options a vailable. contact samtec. cost-effective reliable socket


▲Up To Search▲   

 
Price & Availability of HLE-105-02-L-DV-A-K-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X